データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISO8200BQTR データシート(PDF) 2 Page - STMicroelectronics

部品番号 ISO8200BQTR
部品情報  Industrial digital output expansion board based on ISO8200BQ for STM32 Nucleo
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISO8200BQTR データシート(HTML) 2 Page - STMicroelectronics

  ISO8200BQTR Datasheet HTML 1Page - STMicroelectronics ISO8200BQTR Datasheet HTML 2Page - STMicroelectronics ISO8200BQTR Datasheet HTML 3Page - STMicroelectronics ISO8200BQTR Datasheet HTML 4Page - STMicroelectronics ISO8200BQTR Datasheet HTML 5Page - STMicroelectronics ISO8200BQTR Datasheet HTML 6Page - STMicroelectronics ISO8200BQTR Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
The board can be configured as the former X-NUCLEO-OUT01A1 by a set of jumpers (open: J13, J14, J15, J16,
J17) and switches (close 1-2: SW1, SW28, SW29, SW30, SW31, SW32, SW33, SW35, SW37). In this case, the
driving firmware can be only the X-CUBE-OUT1 and the board can be connected to the X-NUCLEO-PLC01A1
to form a powerful industrial PLC with 8 inputs and 16 outputs. Also, wireless communication capabilities can be
added with the X-NUCLEO-IDW01M1, which establishes communication on a smart device to manage the PLC
remotely. A dedicated ST-PLC app is available for Android™ and iOS™ systems for this purpose.
X-NUCLEO-OUT01A2
DB5030 - Rev 1
page 2/7



Html Pages

1 2 3 4 5 6 7