| データシートサーチシステム |
|
RGC2A60..25 データシート(PDF) 36 Page - Carlo Gavazzi Holding AG |
|
|
|||||||||||||||||||||||||||||
RGC2A60..25 データシート(HTML) 36 Page - Carlo Gavazzi Holding AG |
|
36 / 41 page ![]() 36 Carlo Gavazzi Ltd. RGC2, RGC3 RGC2, RGC3 DS ENG 05/10/20 RGC2..10, RGC2..25, RGC2..40 RGC3..10, RGC3..20, RGC3..25, RGC3..30 RGC2..25..DM, RGC2..40..DM RGC3..20..DM, RGC3..25..DM, RGC3..30..DM RGC2..25..AM, RGC2..40..AM RGC3..20..AM, RGC3..25..AM, RGC3..30..AM RGC2..75..DF RGC3..40..DF, RGC3..65..DF RGC2..75..AF RGC3..40..AF, RGC3..65..AF RGC2..75..DFM RGC3..65..DFM RGC2..75..AFM RGC3..65..AFM Terminals labelling: 1/L1, 2/L2, 3/L3: Mains connections 2/T1, 4/T2, 6/T3: Load connections A1 (+): Positive control signal A2 (-): Control ground Us (+): External supply positive signal Us (-): External supply ground Us (~): AC external supply Uf (+): Fan supply positive signal (no connection required by end user) Uf (-): Fan supply ground (no connection required by end user) 12: Alarm EMR, normally closed 14: Alarm EMR, normally open 11: Alarm EMR, common terminal 22: Auxiliary output, normally closed 24: Auxiliary output, normally open 21: Auxiliary output, common terminal Connections to Uf+, Uf- are provided readily termi- nated by manufacturer. However, in case of need- ed user intervention on terminals Uf+, Uf- for the RGC..A..AF and RGC..A..AFM models, the mains supply has to be turned off first to avoid risk of elec- trical shock. Terminal layout |