データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RGC3A60..25 データシート(PDF) 36 Page - Carlo Gavazzi Holding AG

部品番号 RGC3A60..25
部品情報  3-phase solid state relays with integrated heatsink
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
ホームページ  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

RGC3A60..25 データシート(HTML) 36 Page - Carlo Gavazzi Holding AG

Back Button RGC3A60..25 Datasheet HTML 32Page - Carlo Gavazzi Holding AG RGC3A60..25 Datasheet HTML 33Page - Carlo Gavazzi Holding AG RGC3A60..25 Datasheet HTML 34Page - Carlo Gavazzi Holding AG RGC3A60..25 Datasheet HTML 35Page - Carlo Gavazzi Holding AG RGC3A60..25 Datasheet HTML 36Page - Carlo Gavazzi Holding AG RGC3A60..25 Datasheet HTML 37Page - Carlo Gavazzi Holding AG RGC3A60..25 Datasheet HTML 38Page - Carlo Gavazzi Holding AG RGC3A60..25 Datasheet HTML 39Page - Carlo Gavazzi Holding AG RGC3A60..25 Datasheet HTML 40Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 41 page
background image
36
Carlo Gavazzi Ltd.
RGC2, RGC3
RGC2, RGC3 DS ENG
05/10/20
RGC2..10, RGC2..25, RGC2..40
RGC3..10, RGC3..20,
RGC3..25, RGC3..30
RGC2..25..DM, RGC2..40..DM
RGC3..20..DM, RGC3..25..DM,
RGC3..30..DM
RGC2..25..AM, RGC2..40..AM
RGC3..20..AM, RGC3..25..AM,
RGC3..30..AM
RGC2..75..DF
RGC3..40..DF, RGC3..65..DF
RGC2..75..AF
RGC3..40..AF, RGC3..65..AF
RGC2..75..DFM
RGC3..65..DFM
RGC2..75..AFM
RGC3..65..AFM
Terminals labelling:
1/L1, 2/L2, 3/L3: Mains connections
2/T1, 4/T2, 6/T3: Load connections
A1 (+):
Positive control signal
A2 (-):
Control ground
Us (+):
External supply positive signal
Us (-):
External supply ground
Us (~):
AC external supply
Uf (+):
Fan supply positive signal
(no connection required by
end user)
Uf (-):
Fan supply ground
(no connection required by
end user)
12:
Alarm EMR, normally closed
14:
Alarm EMR, normally open
11:
Alarm EMR, common terminal
22:
Auxiliary output, normally
closed
24:
Auxiliary output, normally
open
21:
Auxiliary output, common
terminal
Connections to Uf+, Uf- are provided readily termi-
nated by manufacturer. However, in case of need-
ed user intervention on terminals Uf+, Uf- for the
RGC..A..AF and RGC..A..AFM models, the mains
supply has to be turned off first to avoid risk of elec-
trical shock.
Terminal layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41