データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

S765KH データシート(PDF) 2 Page - Switchcraft, Inc.

部品番号 S765KH
部品情報  High Temperature DC Power Jacks & Plugs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SWITCH [Switchcraft, Inc.]
ホームページ  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

S765KH データシート(HTML) 2 Page - Switchcraft, Inc.

  S765KH Datasheet HTML 1Page - Switchcraft, Inc. S765KH Datasheet HTML 2Page - Switchcraft, Inc. S765KH Datasheet HTML 3Page - Switchcraft, Inc. S765KH Datasheet HTML 4Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NPB 637
High Temperature DC Power Jacks & Plugs
55 5 5 N EL STON AVE, CHIC A GO , IL 606 30 - 7 73.79 2.2700 - SALES@SW ITCHCRAFT.COM
New high temperature jacks and plugs from Switchcraft utilize a specially engineered, high RTI thermoplastic
capable of withstanding higher temperatures and current than our standard power jacks. This is ideal for
applications with a high ambient temperature and is better able to withstand the high temperatures introduced
by soldering than typical power jacks and plugs.
They are made in the USA using the same high quality components and procedures as our other power jacks
and plugs and are fully mateable with either high temperature or standard jacks and plugs from Switchcraft.



Html Pages

1 2 3 4