| データシートサーチシステム |
|
SSM2603CPZ-R2 データシート(PDF) 28 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
SSM2603CPZ-R2 データシート(HTML) 28 Page - Analog Devices |
|
28 / 32 page ![]() SSM2603 Rev. 0 | Page 28 of 32 ACTIVE, ADDRESS 0x09 Table 32. Active Register Bit Map D8 D7 D6 D5 D4 D3 D2 D1 D0 0 0 0 0 0 0 0 0 ACTIVE Table 33. Descriptions of Active Register Bit Bit Name Description Settings ACTIVE Digital core activation control 0 = disable digital core (default) 1 = activate digital core SOFTWARE RESET, ADDRESS 0x0F Table 34. Software Reset Register Bit Map D8 D7 D6 D5 D4 D3 D2 D1 D0 RESET [8:0] Table 35. Descriptions of Software Reset Register Bits Bit Name Description Settings RESET [8:0] Write all 0s to this register to set all registers to their default settings. Other data written to this register has no effect. 0 = reset (default) |