| データシートサーチシステム |
|
RS2596 データシート(PDF) 2 Page - Orister Corporation |
|
|
|||||||||||||||||||||||||||||
RS2596 データシート(HTML) 2 Page - Orister Corporation |
|
2 / 8 page ![]() Page No. : 2/2 DS-RS2596-04 Oct, 2007 www.Orister.com Pin Connections Absolute Maxium Rating (Note1) Parameter Symbol Value Unit Supply Voltage VCC 40 V On/Off Pin Input Voltage VSD -0.3~+25 V Feedback Pin Voltage VFB -0.3~+25 V Output Voltage to Ground VOUT -1 V Power Dissipation PD Internally Limited W Operating Temperature Topr 0~+70 oC Storage Temperature Tstg -65~+150 oC Operating Junction Temperature Range TJ -40~+125 oC Operating Voltage VOP +4.5~+40 V Electrical Characteristics (Continued) Specifications with boldface type apply over for full operating temperature range, the other type are for TJ=25 oC(Note 2) Part No. Parameter Symbol Conditions Min. Typ. (Note3) Max. (Note4) Unit Output Voltage VOUT 4.75V ≤VIN≤40V, 0.2A≤ILOAD≤3A 3.168 3.135 3.3 3.342 3.465 V RS2596-3.3 Efficiency η VIN=12V, ILOAD=3A - 73 - % Output Voltage VOUT 7V ≤VIN≤40V, 0.2A≤ILOAD≤3A 4.800 4.750 5.0 5.200 5.250 V RS2596-5.0 Efficiency η VIN=12V, ILOAD=3A - 80 - % Output Voltage VOUT 15V ≤VIN≤40V, 0.2A≤ILOAD≤3A 11.52 11.40 12.0 12.48 12.60 V RS2596-12 Efficiency η VIN=25V, ILOAD=3A - 90 - % Reference Voltage VFB 8V ≤VIN≤40V, 0.2A≤ILOAD≤3A VOUT programmed for 5V 1.193 1.230 1.267 1.280 V RS2596-ADJ Efficiency η VIN=12V, VOUT=5V, ILOAD=3A - 77 - % Current Source Bias 1.235V Reference 2.5V Regulator Start Up COMP + - COMP + - 200mV 220mV Driver Thermal Limit 150KHz OSC. COMP + - AMP + - Output GND VIN SD FB R1=2.5K R2 COMP + - Current Limit ++ R 3A Switch |