データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RF2196 データシート(PDF) 9 Page - RF Micro Devices

部品番号 RF2196
部品情報  3V PCS LINEAR POWER AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RFMD [RF Micro Devices]
ホームページ  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2196 データシート(HTML) 9 Page - RF Micro Devices

Back Button RF2196_1 Datasheet HTML 4Page - RF Micro Devices RF2196_1 Datasheet HTML 5Page - RF Micro Devices RF2196_1 Datasheet HTML 6Page - RF Micro Devices RF2196_1 Datasheet HTML 7Page - RF Micro Devices RF2196_1 Datasheet HTML 8Page - RF Micro Devices RF2196_1 Datasheet HTML 9Page - RF Micro Devices RF2196_1 Datasheet HTML 10Page - RF Micro Devices RF2196_1 Datasheet HTML 11Page - RF Micro Devices RF2196_1 Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9 of 12
RF2196
Rev A3 DS070730
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
PCB Design Requirements
PCB Surface Finish
The PCB surface finish used for RFMD’s qualification process is electroless nickel, immersion gold. Typical thickness is 3
μinch
to 8
μinch gold over 180μinch nickel.
PCB Land Pattern Recommendation
PCB land patterns are based on IPC-SM-782 standards when possible. The pad pattern shown has been developed and tested
for optimized assembly at RFMD; however, it may require some modifications to address company specific assembly pro-
cesses. The PCB land pattern has been developed to accommodate lead and package tolerances.
PCB Metal Land Pattern
Pin 1
Dimensions in mm.
A = 0.51 x 0.89 (mm) Typ.
B = 0.89 x 0.51 (mm) Typ.
C = 1.52 (mm) Sq.
A
A
A
A
A
B
B
B
B
B
B
A
A
A
A
A
C
3.20 Typ.
0.81 Typ.
0.81 Typ.
1.73 Typ.
0.94 Typ.
1.60 Typ.
1.73 Typ.
0.81 Typ.
1.60 Typ.
Figure 1. PCB Metal Land Pattern (Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12