データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RF2860 データシート(PDF) 9 Page - RF Micro Devices

部品番号 RF2860
部品情報  PCS CDMA LOW NOISE AMPLIFIER/MIXER BROADBAND DOWNCONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RFMD [RF Micro Devices]
ホームページ  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2860 データシート(HTML) 9 Page - RF Micro Devices

Back Button RF2860_1 Datasheet HTML 5Page - RF Micro Devices RF2860_1 Datasheet HTML 6Page - RF Micro Devices RF2860_1 Datasheet HTML 7Page - RF Micro Devices RF2860_1 Datasheet HTML 8Page - RF Micro Devices RF2860_1 Datasheet HTML 9Page - RF Micro Devices RF2860_1 Datasheet HTML 10Page - RF Micro Devices RF2860_1 Datasheet HTML 11Page - RF Micro Devices RF2860_1 Datasheet HTML 12Page - RF Micro Devices RF2860_1 Datasheet HTML 13Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9 of 20
RF2860
Rev A9 DS050902
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Pin
Function
Type Description
Interface Schematic
16
ENABLE
DI
Logic input. Low level powers down the IC.
Pkg
Base
GND
P
Ground connection. The backside of the package should be sol-
dered to a top side ground pad which is connected to the ground
plane with multiple vias.
Legend:
DI=Digital Input from Baseband Chip
AI=Analog Input
AO=Analog Output
P=VCC or GND
ENABLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20