| データシートサーチシステム |
|
HT7135ARWZ データシート(PDF) 2 Page - Shenzhen Haitian Microelectronics Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
HT7135ARWZ データシート(HTML) 2 Page - Shenzhen Haitian Microelectronics Co., Ltd. |
|
2 / 12 page ![]() functional block diagram 17 12 18 8 A/Z, DE( ±), Z/I INT BUFF OUT 6 ANLG COMMON IN – IN + REF 9 3 10 2 A/Z INT Z/I A/Z DE(+) DE(–) DE(+) DE(–) A/Z Input Low Input High A/Z Buffer + – Comparator Integrator 7 Cref + Cref RINT CAZ ANALOG SECTION Binary Coded Decimal Output B4 15 B2 14 16 B8 (MSB) 13 B1 (LSB) Digit Drive Output D5 (MSD) D4 D3 D2 D1 (LSD) 19 20 Multiplexer Latch Latch Latch Latch Latch Counters Control Logic Zero Cross Detect Polarity Flip-Flop DGTL GND BUSY STROBE UNDER RANGE OVER RANGE RUN/HOLD CLK POLARITY From Analog Section 24 21 26 28 27 25 22 23 CINT INT OUT 4 To Digital Section 5 Cref – DIGITAL SECTION AUTO ZERO Rev. 00 HT7135A TLC7135A HT7135A TLC7135A |