データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UM2448 データシート(PDF) 2 Page - STMicroelectronics

部品番号 UM2448
部品情報  Isolation and voltage adapter board for STLINK-V3SET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2448 データシート(HTML) 2 Page - STMicroelectronics

  UM2448 Datasheet HTML 1Page - STMicroelectronics UM2448 Datasheet HTML 2Page - STMicroelectronics UM2448 Datasheet HTML 3Page - STMicroelectronics UM2448 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1
Ordering information
To order the B-STLINK-ISOL module, refer to Table 1. For details, refer to the user manual on the STLINK-V3SET
product web page.
Table 1. Ordering information
Order code
Board reference
User manual
Description
B-STLINK-ISOL
MB1599
UM2448
Isolation and voltage adapter board for STLINK-V3SET
The STLINK-V3SET modular stand-alone debugging and programming probe embeds an STM32 32-bit
microcontroller based on the Arm® Cortex®
‑M processor.
Note:
Arm is a registered trademark of Arm Limited (or its subsidiaries) in the US and/or elsewhere.
B-STLINK-ISOL
Ordering information
DB4394 - Rev 1
page 2/4



Html Pages

1 2 3 4