データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32L433CBI3 データシート(PDF) 12 Page - STMicroelectronics

部品番号 STM32L433CBI3
部品情報  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 256KB flash, 64KB SRAM, USB FS, LCD, ext. SMPS
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L433CBI3 データシート(HTML) 12 Page - STMicroelectronics

Back Button STM32L433CBI3 Datasheet HTML 8Page - STMicroelectronics STM32L433CBI3 Datasheet HTML 9Page - STMicroelectronics STM32L433CBI3 Datasheet HTML 10Page - STMicroelectronics STM32L433CBI3 Datasheet HTML 11Page - STMicroelectronics STM32L433CBI3 Datasheet HTML 12Page - STMicroelectronics STM32L433CBI3 Datasheet HTML 13Page - STMicroelectronics STM32L433CBI3 Datasheet HTML 14Page - STMicroelectronics STM32L433CBI3 Datasheet HTML 15Page - STMicroelectronics STM32L433CBI3 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 227 page
background image
Introduction
STM32L433xx
12/227
DS11449 Rev 7
1
Introduction
This datasheet provides the ordering information and mechanical device characteristics of
the STM32L433xx microcontrollers.
This document should be read in conjunction with the STM32L41x, STM32L42x,
STM32L43x, STM32L44x, STM32L45x, STM32L46x reference manual (RM0394), available
from the STMicroelectronics website www.st.com.
For information on the Arm®(a) Cortex®-M4 core, refer to the Cortex®-M4 Technical
Reference Manual, available from the www.arm.com website.
For information on the device errata with respect to the datasheet and reference manual,
refer to the STM32L433xx errata sheet (ES0318), available on the STMicroelectronics
website www.st.com.
a. Arm is a registered trademark of Arm Limited (or its subsidiaries) in the US and/or elsewhere.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More