データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RF2367PCBA-41X データシート(PDF) 4 Page - RF Micro Devices

部品番号 RF2367PCBA-41X
部品情報  PCS CDMA/TDMA/GSM1800 3V PA DRIVER AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RFMD [RF Micro Devices]
ホームページ  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2367PCBA-41X データシート(HTML) 4 Page - RF Micro Devices

  RF2367PCBA-41X Datasheet HTML 1Page - RF Micro Devices RF2367PCBA-41X Datasheet HTML 2Page - RF Micro Devices RF2367PCBA-41X Datasheet HTML 3Page - RF Micro Devices RF2367PCBA-41X Datasheet HTML 4Page - RF Micro Devices RF2367PCBA-41X Datasheet HTML 5Page - RF Micro Devices RF2367PCBA-41X Datasheet HTML 6Page - RF Micro Devices RF2367PCBA-41X Datasheet HTML 7Page - RF Micro Devices RF2367PCBA-41X Datasheet HTML 8Page - RF Micro Devices RF2367PCBA-41X Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4 of 10
RF2367
Rev A3 DS060925
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Application Schematic:
~1880 MHz Operation
Evaluation Board Schematic
(Download Bill of Materials from www.rfmd.com.)
1
2
3
6
4
5
6 pF
220 pF
10 nF
PD
1 pF
4.7 nH
VCC
10 nF
220 pF
RF IN
RF OUT
C3
6 pF
50
Ω ?πΤ 4
J1
RF IN
C2
220 pF
C1
10 nF
R1
0
Ω
PD
C4
1 pF
50
Ω ?πΤ Ν
J2
RF OUT
L1
4.7 nH
VCC
C6
10 nF
C5
220 pF
2367400-
1
2
3
C7
4.7
μF
1
2
3
6
4
5
P1-1
VCC
GND
P1-3
PD



Html Pages

1 2 3 4 5 6 7 8 9 10