データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LD2981 データシート(PDF) 8 Page - STMicroelectronics

部品番号 LD2981
部品情報  Ultra low-drop voltage regulators with inhibit
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD2981 データシート(HTML) 8 Page - STMicroelectronics

Back Button LD2981 Datasheet HTML 4Page - STMicroelectronics LD2981 Datasheet HTML 5Page - STMicroelectronics LD2981 Datasheet HTML 6Page - STMicroelectronics LD2981 Datasheet HTML 7Page - STMicroelectronics LD2981 Datasheet HTML 8Page - STMicroelectronics LD2981 Datasheet HTML 9Page - STMicroelectronics LD2981 Datasheet HTML 10Page - STMicroelectronics LD2981 Datasheet HTML 11Page - STMicroelectronics LD2981 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Typical application
LD2981
8/27
DocID6279 Rev 17
4
Typical application
Figure 3: Application circuit
Inhibit pin is not internally pulled-up then it must not be left floating. Disable the
device when connected to GND or to a positive voltage less than 0.18 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27