データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L4990A データシート(PDF) 22 Page - STMicroelectronics

部品番号 L4990A
部品情報  PRIMARY CONTROLLER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4990A データシート(HTML) 22 Page - STMicroelectronics

Back Button L4990A Datasheet HTML 16Page - STMicroelectronics L4990A Datasheet HTML 17Page - STMicroelectronics L4990A Datasheet HTML 18Page - STMicroelectronics L4990A Datasheet HTML 19Page - STMicroelectronics L4990A Datasheet HTML 20Page - STMicroelectronics L4990A Datasheet HTML 21Page - STMicroelectronics L4990A Datasheet HTML 22Page - STMicroelectronics L4990A Datasheet HTML 23Page - STMicroelectronics L4990A Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
DIP16
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
a1
0.51
0.020
B
0.77
1.65
0.030
0.065
b
0.5
0.020
b1
0.25
0.010
D
20
0.787
E
8.5
0.335
e
2.54
0.100
e3
17.78
0.700
F
7.1
0.280
I
5.1
0.201
L
3.3
0.130
Z
1.27
0.050
OUTLINE AND
MECHANICAL DATA
L4990 - L4990A
22/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24