| データシートサーチシステム |
|
CY28329PVC データシート(PDF) 2 Page - SpectraLinear Inc |
|
|
|||||||||||||||||||||||||||||
CY28329PVC データシート(HTML) 2 Page - SpectraLinear Inc |
|
2 / 16 page ![]() CY28329 Rev 1.0, November 24, 2006 Page 2 of 16 Pin Description Name Pins Description REF 56 3.3V 14.318 MHz clock output XTAL_IN 2 14.318 MHz crystal input XTAL_OUT 3 14.318 MHz crystal input CPU, CPU [0:3]# 44, 45, 48, 49, 51, 52, 53, 54 Differential CPU clock outputs 3V66_0 33 3.3V 66 MHz clock output 3V66_1/VCH 35 3.3V selectable through SMBus to be 66 MHz or 48 MHz 66IN/3V66_5 24 66 MHz input to buffered 66BUFF and PCI or 66 MHz clock from internal VCO 66BUFF [0:2] /3V66 [2:4] 21, 22, 23 66 MHz buffered outputs from 66Input or 66 MHz clocks from internal VCO PCI_F [0:2] 5, 6, 7, 33 MHz clocks divided down from 66Input or divided down from 3V66 PCI [0:6] 10, 11, 12, 13, 16, 17, 18 PCI clock outputs divided down from 66Input or divided down from 3V66 USB 39 Fixed 48 MHz clock output DOT 38 Fixed 48 MHz clock output S2 40 Special 3.3V 3-level input for Mode selection S1 55 3.3V LVTTL inputs for CPU frequency selection IREF 42 A precision resistor is attached to this pin which is connected to the internal current reference MULT0 43 3.3V LVTTL input for selecting the current multiplier for the CPU outputs PD# 25 3.3V LVTTL input for Power_Down# (active LOW). Do not add any decoupling capac- itors. Use an external 1.0-K pull-up resistor. PCI_STOP# 34 3.3V LVTTL input for PCI_STOP# (active LOW) VTTPWRGD# 28 3.3V LVTTL input is a level-sensitive strobe used to determine when S[1:2] and MULT0 inputs are valid and OK to be sampled (Active LOW). Once VTTPWRGD# is sampled LOW, the status of this output will be ignored. SDATA 29 SMBus-compatible SDATA SCLK 30 SMBus-compatible Sclk VDD_REF, VDD_PCI, VDD_3V66, VDD_48 MHz, VDD_CPU 1, 8, 14, 19, 32, 37, 46, 50 3.3V power supply for outputs VDD_CORE 26 3.3V power supply for PLL GND_REF, GND_PCI, GND_3V66, GND_IREF, VDD_CPU 4, 9, 15, 20, 31, 36, 41, 47 Ground for outputs GND_CORE 27 Ground for PLL |