データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L4931ABD60 データシート(PDF) 26 Page - STMicroelectronics

部品番号 L4931ABD60
部品情報  VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4931ABD60 データシート(HTML) 26 Page - STMicroelectronics

Back Button L4931ABD60 Datasheet HTML 21Page - STMicroelectronics L4931ABD60 Datasheet HTML 22Page - STMicroelectronics L4931ABD60 Datasheet HTML 23Page - STMicroelectronics L4931ABD60 Datasheet HTML 24Page - STMicroelectronics L4931ABD60 Datasheet HTML 25Page - STMicroelectronics L4931ABD60 Datasheet HTML 26Page - STMicroelectronics L4931ABD60 Datasheet HTML 27Page - STMicroelectronics L4931ABD60 Datasheet HTML 28Page - STMicroelectronics L4931ABD60 Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
L4931 SERIES
26/29
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
2.2
2.4
0.086
0.094
A1
0.9
1.1
0.035
0.043
A2
0.03
0.23
0.001
0.009
B
0.4
0.6
0.015
0.023
B2
5.2
5.4
0.204
0.212
C
0.45
0.6
0.017
0.023
C2
0.48
0.6
0.019
0.023
D
6
6.2
0.236
0.244
E
6.4
6.6
0.252
0.260
G
4.9
5.25
0.193
0.206
G1
2.38
2.7
0.093
0.106
H
9.35
10.1
0.368
0.397
L2
0.8
0.031
L4
0.6
1
0.023
0.039
PPAK MECHANICAL DATA
0078180-B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29