| データシートサーチシステム |
|
P2RF データシート(PDF) 9 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
P2RF データシート(HTML) 9 Page - Omron Electronics LLC |
|
9 / 27 page ![]() 9 Common Sockets Note: If an I/O SSR or Indicator Module is used, the polarity of terminal 1 is negative. Dimensions Terminal Arrangement/ Internal Connections Mounting Hole Dimensions 7±0.2 19.5 max. 19.5 30 max. 35.5 4 dia. 2 54 max. 4 71.5 max. 8-M3.5×8 P2RF-08 (Two Poles) 5 4 7 2 8 1 6 3 (Top View) 9.5 4 30±0.05 4.2-dia. hole M3 (M3 x 16) or 3.2-dia. hole Note: Track mounting is also possible. (Top View) 78.5 max. 8-M3X8 3.5-dia. hole 16 max. 4 2 61 max. 31 max. 17.2 48 max. 2 35.5 39.5 (42.3) (35.8) P2RFZ-08-E (Two Poles) (Finger Protection Structure) 1 8 5 4 7 2 6 3 (Top View) 39.5±0.1 10.5 M3 or 3.5-dia. hole 3.2-dia.hole Note: Track mounting is also possible. (Top View) 16 1.5 2 85.5 max. 4 8-M3×8 3.5-dia. hole 6+0.2 −0.1 48 max. 2 3 dia. 35.5 11.5 61 max. 39.5 63 max. (84.9 max.)* *When mounted on H3RN-2 @. P2RF-08-E (Two Poles) (Finger Protection Structure) (21) (22) (11) (24) (A1) (14) (12) (A2) 8 5 4 7 2 6 3 1 (Top View) Note: Figures in parentheses indicate DIN standard numbers. 7 4 39.5±0.1 3.2-dia. hole M3 or 3.5-dia. hole Note: Track mounting is also possible. (Top View) |