| データシートサーチシステム |
|
P2RF-08 データシート(PDF) 21 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
P2RF-08 データシート(HTML) 21 Page - Omron Electronics LLC |
|
21 / 27 page ![]() 21 Common Sockets PF (Unit: mm) Note: 1. For the PF083A and PF113A, the Socket key slot is on the top. (Applicable model: MK) 2. The structure of @-E models provides finger protection. Round terminals cannot be used. Use forked crimp terminals. Dimensions Terminal Arrangement/ Internal Connections Mounting Hole Dimensions 21 max. 2 3.5 33 Two, 4.2 dia. holes 35.4 4 7±0.2 4 52 max. 41 max. 8-M3.5×7 PF083A 2 1 8 7 3 4 5 6 (Top View) 33±0.2 Two M4 or 4.5-dia. holes Note: Track mounting is also possible. 41 max. 23 7±0.2 Two, 4.2-dia mounting holes 8 25 dia. 21 max. 2 3.5 4 35.4 4 52 max. 8-M3.5×7 33 PF083A-E 7±0.2 33±0.2 4 58 max. 8-M3.5×7 4 35.4 21.6 max. 2 1.1 3.5 40 max. Two, 4.5 dia. holes PF085A 6 5 4 3 7 8 1 2 (Top View) 7±0.2 4 31 max. 35.4 22 11-M3.5×7 2 3.5 43 max. 34 4 5 4 52 max. PF113A 2 3 1 11 10 9 5 4 6 7 8 (Top View) 34±0.2 Two M4 or 4.5-dia. holes Note: Track mounting is also possible. 31 max. 5.5 3.5 35.4 8 7±0.2 11-M3.5×5 4 5.2 4.2 52 max. 4 23 42.8 PF113A-E |