データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FT201XQ-R データシート(PDF) 12 Page - Future Technology Devices International Ltd.

部品番号 FT201XQ-R
部品情報  FT201X USB I2C SLAVE IC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FTDI [Future Technology Devices International Ltd.]
ホームページ  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT201XQ-R データシート(HTML) 12 Page - Future Technology Devices International Ltd.

Back Button FT201XQ-R Datasheet HTML 8Page - Future Technology Devices International Ltd. FT201XQ-R Datasheet HTML 9Page - Future Technology Devices International Ltd. FT201XQ-R Datasheet HTML 10Page - Future Technology Devices International Ltd. FT201XQ-R Datasheet HTML 11Page - Future Technology Devices International Ltd. FT201XQ-R Datasheet HTML 12Page - Future Technology Devices International Ltd. FT201XQ-R Datasheet HTML 13Page - Future Technology Devices International Ltd. FT201XQ-R Datasheet HTML 14Page - Future Technology Devices International Ltd. FT201XQ-R Datasheet HTML 15Page - Future Technology Devices International Ltd. FT201XQ-R Datasheet HTML 16Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 49 page
background image
Copyright © 2014 Future Technology Devices International Limited
12
FT201X USB I2C SLAVE IC Datasheet
Version 1.4
Document No.: FT_000627 Clearance No.: FTDI# 264
CBUS
Signal
Option
Available On CBUS Pin
Description
VBUS Sense
CBUS0, CBUS1, CBUS2, CBUS3, CBUS4,
CBUS5
Input to detect when VBUS is present.
Time Stamp
CBUS0, CBUS1, CBUS2, CBUS3, CBUS4,
CBUS5
Toggle signal which changes state each time a USB SOF is
received
Keep_Awake#
CBUS0, CBUS1, CBUS2, CBUS3, CBUS4,
CBUS5
Prevents the device from entering suspend state when
unplugged. May be used if programming the MTP memory
over I2C
Table 3.7 CBUS Configuration Control
*When in USB suspend mode the outputs clocks are also suspended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49