| データシートサーチシステム |
|
FT201XS-R データシート(PDF) 12 Page - Future Technology Devices International Ltd. |
|
|
|||||||||||||||||||||||||||||
FT201XS-R データシート(HTML) 12 Page - Future Technology Devices International Ltd. |
|
12 / 49 page ![]() Copyright © 2014 Future Technology Devices International Limited 12 FT201X USB I2C SLAVE IC Datasheet Version 1.4 Document No.: FT_000627 Clearance No.: FTDI# 264 CBUS Signal Option Available On CBUS Pin Description VBUS Sense CBUS0, CBUS1, CBUS2, CBUS3, CBUS4, CBUS5 Input to detect when VBUS is present. Time Stamp CBUS0, CBUS1, CBUS2, CBUS3, CBUS4, CBUS5 Toggle signal which changes state each time a USB SOF is received Keep_Awake# CBUS0, CBUS1, CBUS2, CBUS3, CBUS4, CBUS5 Prevents the device from entering suspend state when unplugged. May be used if programming the MTP memory over I2C Table 3.7 CBUS Configuration Control *When in USB suspend mode the outputs clocks are also suspended. |