| データシートサーチシステム |
|
L6206D データシート(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6206D データシート(HTML) 18 Page - STMicroelectronics |
|
18 / 23 page ![]() L6206 18/23 Figure 18. Mounting the PowerSO package. Figure 19. PowerSO36 Junction-Ambient thermal resistance versus on-board copper area. Figure 20. PowerDIP24 Junction-Ambient thermal resistance versus on-board copper area. Figure 21. SO24 Junction-Ambient thermal resistance versus on-board copper area. Slug soldered to PCB with dissipating area Slug soldered to PCB with dissipating area plus ground layer Slug soldered to PCB with dissipating area plus ground layer contacted through via holes 13 18 23 28 33 38 43 12 3 4 56 7 8 9 10 1 1 1 2 13 W ithout G round La yer W ith Gr ound La yer W ith Gr ound La yer + 16 via Ho le s sq . c m ºC / W On-Board Copper Area 39 40 41 42 43 44 45 46 47 48 49 1 2 3 4 5 6 7 8 9 101112 C o pper Are a is on Bo ttom Sid e C o pper Are a is on To p S i de s q . cm ºC / W On-Board Copper Area 48 50 52 54 56 58 60 62 64 66 68 123 45 6789 10 11 12 C o pp er A rea is o n T op S ide sq. cm ºC / W On-Board Copper Area |