| データシートサーチシステム |
|
AD620SQ/883B データシート(PDF) 17 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD620SQ/883B データシート(HTML) 17 Page - Analog Devices |
|
17 / 20 page ![]() AD620 Rev. G | Page 17 of 20 499 Ω AD620 + – VOUT R R CC CD CC +IN –IN REF –15V 0.1 µ F1 µ F 0 +15V 0.1 µ F1 µ F 0 Figure 43. Circuit to Attenuate RF Interference COMMON-MODE REJECTION Instrumentation amplifiers, such as the AD620, offer high CMR, which is a measure of the change in output voltage when both inputs are changed by equal amounts. These specifications are usually given for a full-range input voltage change and a specified source imbalance. For optimal CMR, the reference terminal should be tied to a low impedance point, and differences in capacitance and resistance should be kept to a minimum between the two inputs. In many applications, shielded cables are used to minimize noise; for best CMR over frequency, the shield should be properly driven. Figure 44 and Figure 45 show active data guards that are configured to improve ac common-mode rejections by “bootstrapping” the capacitances of input cable shields, thus minimizing the capacitance mismatch between the inputs. REFERENCE VOUT AD620 100 Ω 100 Ω – INPUT + INPUT AD648 RG –VS +VS –VS Figure 44. Differential Shield Driver 100 Ω – INPUT + INPUT REFERENCE VOUT AD620 –VS +VS 2 RG 2 RG AD548 Figure 45. Common-Mode Shield Driver GROUNDING Since the AD620 output voltage is developed with respect to the potential on the reference terminal, it can solve many grounding problems by simply tying the REF pin to the appropriate “local ground.” To isolate low level analog signals from a noisy digital environment, many data-acquisition components have separate analog and digital ground pins (Figure 46). It would be convenient to use a single ground line; however, current through ground wires and PC runs of the circuit card can cause hundreds of millivolts of error. Therefore, separate ground returns should be provided to minimize the current flow from the sensitive points to the system ground. These ground returns must be tied together at some point, usually best at the ADC package shown in Figure 46. DIGITAL P.S. +5V C ANALOG P.S. +15V C –15V AD574A DIGITAL DATA OUTPUT + 1 µF AD620 0.1 µ F AD585 S/H ADC 0.1 µ F 1 µF 1µF Figure 46. Basic Grounding Practice |
|
|
リンク URL |
| ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | データシートへのリンク | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |