データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L6221A データシート(PDF) 14 Page - STMicroelectronics

部品番号 L6221A
部品情報  QUAD DARLINGTON SWITCH
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6221A データシート(HTML) 14 Page - STMicroelectronics

Back Button L6221A Datasheet HTML 7Page - STMicroelectronics L6221A Datasheet HTML 8Page - STMicroelectronics L6221A Datasheet HTML 9Page - STMicroelectronics L6221A Datasheet HTML 10Page - STMicroelectronics L6221A Datasheet HTML 11Page - STMicroelectronics L6221A Datasheet HTML 12Page - STMicroelectronics L6221A Datasheet HTML 13Page - STMicroelectronics L6221A Datasheet HTML 14Page - STMicroelectronics L6221A Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
110
11
20
A
e
B
D
E
L
K
H
A1
C
SO20MEC
hx 45
°
SO20 PACKAGE MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
2.35
2.65
0.093
0.104
A1
0.1
0.3
0.004
0.012
B
0.33
0.51
0.013
0.020
C
0.23
0.32
0.009
0.013
D
12.6
13
0.496
0.512
E
7.4
7.6
0.291
0.299
e
1.27
0.050
H
10
10.65
0.394
0.419
h
0.25
0.75
0.010
0.030
L
0.4
1.27
0.016
0.050
K
0 (min.)8 (max.)
L6221A - L6221AD - L6221N
14/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15