データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L6221N データシート(PDF) 11 Page - STMicroelectronics

部品番号 L6221N
部品情報  QUAD DARLINGTON SWITCH
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6221N データシート(HTML) 11 Page - STMicroelectronics

Back Button L6221N Datasheet HTML 7Page - STMicroelectronics L6221N Datasheet HTML 8Page - STMicroelectronics L6221N Datasheet HTML 9Page - STMicroelectronics L6221N Datasheet HTML 10Page - STMicroelectronics L6221N Datasheet HTML 11Page - STMicroelectronics L6221N Datasheet HTML 12Page - STMicroelectronics L6221N Datasheet HTML 13Page - STMicroelectronics L6221N Datasheet HTML 14Page - STMicroelectronics L6221N Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Figure 25 : Maximum Dissipable Power and Junc-
tion to Ambient Thermal Resistance
versus Side ”
α”
Figure 26 : Maximum Allowable Power Dissipa-
tion versus Ambient Temperature
Figure 24 : External Heatsink Mounting Example
Figure 23 : Example of P.C. Board Copper Area
Which is Used as Heatsink
MOUNTING INSTRUCTION
The Rth j-amb of the L6221A can be reduced by sol-
deringthe GND pins to a suitablecopper area of the
printed circuit board (Fig. 23) or to an external
heatsink (Fig. 24).
The diagram of figure 25 shows the maximum dis-
sipable power Ptot and the Rth j-amb as a function of
the side ”
α” of two equal squarecopper areas hav-
ing a thickness of 35
µ (1.4 mils). During soldering
the pins temperature must not exceed 260
°C and
the soldering time must not be longer than 12 sec-
onds.
The external heatsink or printed circuit copper area
must be connected to electrical ground.
L6221A - L6221AD - L6221N
11/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15