データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1237 データシート(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM1237
部品情報  150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD and 4 DACs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1237 データシート(HTML) 18 Page - National Semiconductor (TI)

Back Button LM1237 Datasheet HTML 14Page - National Semiconductor (TI) LM1237 Datasheet HTML 15Page - National Semiconductor (TI) LM1237 Datasheet HTML 16Page - National Semiconductor (TI) LM1237 Datasheet HTML 17Page - National Semiconductor (TI) LM1237 Datasheet HTML 18Page - National Semiconductor (TI) LM1237 Datasheet HTML 19Page - National Semiconductor (TI) LM1237 Datasheet HTML 20Page - National Semiconductor (TI) LM1237 Datasheet HTML 21Page - National Semiconductor (TI) LM1237 Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
OSD Generator Operation (Continued)
ENHANCED FEATURES
In addition to the wide selection of colors for each character,
additional character features can be selected on a character
by character basis. There are 3 Enhanced Feature Regis-
ters, EF0, EF1 and EF2.
1.
Button Boxes — The OSD generator examines the char-
acter string being displayed and if the ‘button box’ at-
tributes have been set in the Enhanced feature byte,
then a box creator selectively substitutes the character
pixels in either or both the top and left most pixel line or
column with a button box pixel. The shade of the button
box pixel depends upon whether a ‘depressed’ or
‘raised’ box is required, and can be programmed through
the I
2C compatible interface. The raised pixel color
(‘highlight’) is defined by the value in the color palette
register, EF1 (normally white). The depressed pixel
(‘lowlight’) color by the value in the color palette register
EF2 (normally gray). See Figure 16.
2.
Heavy Button Boxes — When heavy button boxes are
selected, the color palette value stored in register EF3 is
used for the depressed (‘lowlight’) pixel color instead of
the value in register EF2.
3.
Shadowing — Shadowing can be added to two-color
characters by choosing the appropriate attribute value
for the character. When a character is shadowed, a
shadow pixel is added to the lower right edges of the
color 2 image, as shown in Figure 17. The color of the
shadow is determined by the value in the color palette
register EF3 (normally black).
4.
Bordering — A border can be added to the two-color
characters. When a character is bordered, a border pixel
is added at every horizontal, vertical or diagonal transi-
tion between color 1 and color 2. See Figure 18. The
color of the border is determined by the value in the color
palette register EF3 (normally black).
5.
Blinking — If blinking is enabled as an attribute, all colors
within the character except the button box pixels which
have been overwritten will alternately switch to color 1
and then back to the correct color at a rate determined
by the microcontroller through the I
2C compatible
interface.
RAISED
CHAR1
CHAR1
Bit 0
(of Previous
Character)
Line 0
(of Character
Below)
Bit 11
Bit 0
Line 0
Line 17
20023452
DEPRESSED
CHAR1
CHAR1
Bit 0
(of Previous
Character)
Line 0
(of Character
Below)
Bit 11
Bit 0
Line 0
Line 17
20023423
Effect on the screen:
20023424
FIGURE 16. Button Boxes
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com