データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L6223 データシート(PDF) 32 Page - STMicroelectronics

部品番号 L6223
部品情報  DMOS PROGRAMMABLE HIGH SPEED UNIPOLAR STEPPER MOTOR DRIVER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6223 データシート(HTML) 32 Page - STMicroelectronics

Back Button L6223 Datasheet HTML 25Page - STMicroelectronics L6223 Datasheet HTML 26Page - STMicroelectronics L6223 Datasheet HTML 27Page - STMicroelectronics L6223 Datasheet HTML 28Page - STMicroelectronics L6223 Datasheet HTML 29Page - STMicroelectronics L6223 Datasheet HTML 30Page - STMicroelectronics L6223 Datasheet HTML 31Page - STMicroelectronics L6223 Datasheet HTML 32Page - STMicroelectronics L6223 Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 33 page
background image
POWERDIP20 PACKAGE MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
a1
0.51
0.020
B
0.85
1.40
0.033
0.055
b
0.50
0.020
b1
0.38
0.50
0.015
0.020
D
24.80
0.976
E
8.80
0.346
e
2.54
0.100
e3
22.86
0.900
F
7.10
0.280
I
5.10
0.201
L
3.30
0.130
Z
1.27
0.050
L6223
32/33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33