| データシートサーチシステム |
|
L6238 データシート(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6238 データシート(HTML) 8 Page - STMicroelectronics |
|
8 / 35 page ![]() a)the spindle is stopped. b)the system is still running at a speed that allows for resynchronization. In order to minimize the ramp up time, the micro- controller has the possibility to: check the SPIN SENSE pin, (which toggles at the Bemf zero crossing frequency) enable the power to the motor based on the previous information. Otherwise the uP may is- sue a Brake command, followed by the start- up procedure after the motor has stopped spin- ning. Bra ke W/M ask Hol d & wa it fo r d eci sio n Tr i- sta te W/M ask Tr i-s tat e W/Ma sk R unB rk = 1 Ou tEn a = 0 RunBrk = 1 OutEna = 1 Out En a = 1 & R unB rk = 0 Run W/Mask Ho ld fo r ” Al ign & G o” Po wer on Re set R unB rk = 0 Out En a = 0 Se qI nc = X Run Wo/ Mas k Se qI nc = 0 Se qIn c = 1 SeqInc = 0 Seq Inc = 1 A cti on a cro ss li ne in cre me nts s equ enc er A uto St art -up E nable d Di sable d Run Br k = 1 OutE na = 0 Ru nBr k = 1 Out Ena = 1 Hold for ”A lig n & G o” Sta rt ” Al ign & G o” A lig n = Seq ncr . Alig n = 0 G o = 0 Fr om An ywh ere Ho ld fo r ”R esync” St art ”R esync” Re syn c = 1 Re lea se mi n ma sk Run G o = 1 Ru nB rk = 1 Ou tE na = 0 No Z c No Z c Au to /Ex t = 0 Stuc k Rot or ( hol d) (G et 2 n d Z c) Z c R es et= OutE na = 1 & Ru nBr k = 1 StrR tr = 0 StrR tr = 0 R unB rk = 0 & Out En a = 0 Figure 4: State Diagram L6238 8/35 |