| データシートサーチシステム |
|
HD34-24-19PE-059 データシート(PDF) 14 Page - TE Connectivity Ltd |
|
|
|||||||||||||||||||||||||||||
HD34-24-19PE-059 データシート(HTML) 14 Page - TE Connectivity Ltd |
|
14 / 164 page ![]() INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR PAGE 14 SERIES OVERVIEW DRB Series • Accepts contact sizes 4 (100 amps), 8 (60 amps), 12 (25 amps), 16 (13 amps), and 20 (7.5 amps) • 6-22 AWG (16.00-0.35 mm2) • 48, 60, 102, and 128 cavity arrangements • Flange mount • Rectangular, thermoplastic housing • Jackscrew for mating • Wedgelocks confirm contact alignment and retention DRC Series • Accepts contact sizes 16 (13 amps), and 20 (7.5 amps) • 14-22 AWG (2.50-0.35 mm2) • 24, 38, 40, 50, 60, 64, 70, and 76 cavity arrangements • In-line, flange, or PCB mount • Rectangular, thermoplastic housing • Jackscrew for mating DT Series • Accepts contact size 16 (13 amps) • 14-20 AWG (2.50-0.50 mm2) • 2, 3, 4, 6, 8, and 12 cavity arrangements • In-line, flange, or PCB mount • Rectangular, thermoplastic housing • Integrated latch for mating • Wedgelocks confirm contact alignment and retention • Product specification document: 108-151009 DTHD Series • Accepts contact sizes 4 (100 amps), 8 (60 amps), and 12 (25 amps) • 6-14 AWG (16.00-2.00 mm2) • 1 cavity arrangement • In-line or flange mount • Circular, thermoplastic housing • Integrated latch for mating |