| データシートサーチシステム |
|
25CS160-I/ST データシート(PDF) 17 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
25CS160-I/ST データシート(HTML) 17 Page - Microchip Technology |
|
17 / 53 page ![]() 2026 Microchip Technology Inc. and its subsidiaries Preliminary DS20007008B-page 17 25CS160 5.0 WRITE ENABLE AND DISABLE 5.1 Write Enable Instruction (WREN) The Write Enable Latch (WEL) bit of the STATUS register must be set to a logic ‘1’ prior to each WRSR, WRITE, WREX, or LOCK instruction. The WEL bit is set to a logic ‘1’ by sending a WREN (06h) instruction to the 25CS160. First, the CS pin is driven low to select the device, and then a 06h instruction is clocked in on the SI pin. After that, the CS pin is driven high. The WEL bit will be immediately updated in the STATUS register to a logic ‘1’. The WEL bit will be reset to a logic ‘0’ in the following circumstances: • Upon power-up, as the power-on default condition is in the Write Disable state (Section 1.2.2 “Device Factory Default Condition”) • Upon the successful completion of any write sequence (WRITE, WRSR, WREX) • Upon execution of a Write Disable (WRDI) instruction (Section 5.2 “Write Disable (WRDI) Instruction”) • Upon execution of a Software Device Reset (SRST) instruction FIGURE 5-1: WRITE ENABLE ( WREN) INSTRUCTION 5.2 Write Disable (WRDI) Instruction To protect the device against inadvertent write sequences, the Write Disable (04h) instruction disables all programming modes by setting the WEL bit to a logic ‘0’. The WRDI instruction is independent of the WP pin state. FIGURE 5-2: WRITE DISABLE ( WRDI) INSTRUCTION SCK 0 2 3 456 7 1 High-Impedance SO CS SI WREN Opcode (06h) 0 0 000 1 1 0 MSb SCK 0 2 34 567 1 High-Impedance SO CS SI WRDI Opcode (04h) 0 0 000 1 0 0 MSb |