データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

25CS160-H/ST データシート(PDF) 38 Page - Microchip Technology

部品番号 25CS160-H/ST
部品情報  16-Kbit SPI Serial EEPROM with 128-Bit Serial Number
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25CS160-H/ST データシート(HTML) 38 Page - Microchip Technology

Back Button 25CS160-H/ST Datasheet HTML 34Page - Microchip Technology 25CS160-H/ST Datasheet HTML 35Page - Microchip Technology 25CS160-H/ST Datasheet HTML 36Page - Microchip Technology 25CS160-H/ST Datasheet HTML 37Page - Microchip Technology 25CS160-H/ST Datasheet HTML 38Page - Microchip Technology 25CS160-H/ST Datasheet HTML 39Page - Microchip Technology 25CS160-H/ST Datasheet HTML 40Page - Microchip Technology 25CS160-H/ST Datasheet HTML 41Page - Microchip Technology 25CS160-H/ST Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 53 page
background image
 2026 Microchip Technology Inc. and its subsidiaries
Preliminary
DS20007008B-page 38
25CS160
RECOMMENDED LAND PATTERN
Dimension Limits
Units
Contact Pitch
MILLIMETERS
0.65 BSC
MIN
E
MAX
Contact Pad Length (X8)
Contact Pad Width (X8)
Y
X
1.45
0.45
NOM
C
Contact Pad Spacing
4.40
Contact Pad to Contact Pad (X4)
G1
2.95
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
Dimensioning and tolerancing per ASME Y14.5M
1.
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
E
C
Contact Pad to Contact Pad (X6)
GX
0.20
X
Y
G1
GX
SILK SCREEN
8-Lead Plastic Micro Small Outline Package (MS) - 3x3 mm Body [MSOP]
Microchip Technology Drawing C04-2111-MS Rev F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53