| データシートサーチシステム |
|
25CS160-I/Q4B データシート(PDF) 16 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
25CS160-I/Q4B データシート(HTML) 16 Page - Microchip Technology |
|
16 / 53 page ![]() 2026 Microchip Technology Inc. and its subsidiaries Preliminary DS20007008B-page 16 25CS160 4.4 Hold Function The HOLD pin is used to pause the serial communication with the device without having to stop or reset the clock sequence. Hold mode, however, does not affect the internal write cycle. Therefore, if a write cycle is in progress, asserting the HOLD pin will not pause the operation, and the write cycle will continue until it is finished. Hold mode can only be entered while the CS pin is asserted. Hold mode is activated by asserting the HOLD pin during the SCK low pulse. If the HOLD pin is asserted during the SCK high pulse, then Hold mode will not start until the beginning of the next SCK low pulse. The device will remain in Hold mode as long as the HOLD and CS pins are asserted. While in Hold mode, the SO pin will be in a high-impedance state. In addition, both the SI pin and the SCK pin will be ignored. The WP pin, however, can still be asserted or deasserted while in Hold mode. To end Hold mode and resume serial communication, the HOLD pin must be deasserted during the SCK low pulse. If the HOLD pin is deasserted during the SCK high pulse, then Hold mode will not end until the beginning of the next SCK low pulse. If the CS pin is deasserted while the HOLD pin is still asserted, then any sequence that may have been started will be aborted. FIGURE 4-2: HOLD MODE 4.5 Write Protection The EEPROM array can only be programmed in accordance with how the Block Protect bits in the STATUS register are programmed. Refer to Section 6.1.2 “Block Write-Protect Bits” for details. Additionally, the contents of the STATUS register can be protected by enabling the Write-Protect Enable (WPEN) bit in the STATUS register. When the WPEN function is enabled, the STATUS register contents will be protected when the WP pin is asserted (low). Details about the WPEN function are provided in Section 6.1.1 “Write-Protect Enable Bit”. HOLD CS Hold SCK Hold Hold |