データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8223ARMZ-R7 データシート(PDF) 5 Page - Analog Devices

部品番号 AD8223ARMZ-R7
部品情報  Single Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8223ARMZ-R7 データシート(HTML) 5 Page - Analog Devices

  AD8223ARMZ-R7 Datasheet HTML 1Page - Analog Devices AD8223ARMZ-R7 Datasheet HTML 2Page - Analog Devices AD8223ARMZ-R7 Datasheet HTML 3Page - Analog Devices AD8223ARMZ-R7 Datasheet HTML 4Page - Analog Devices AD8223ARMZ-R7 Datasheet HTML 5Page - Analog Devices AD8223ARMZ-R7 Datasheet HTML 6Page - Analog Devices AD8223ARMZ-R7 Datasheet HTML 7Page - Analog Devices AD8223ARMZ-R7 Datasheet HTML 8Page - Analog Devices AD8223ARMZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Preliminary Technical Data
AD8223
Rev.
PrA | Page 5 of 20
DUAL SUPPLY
TA = 25°C, dual supply, VS = ±12 V, and RL = 10 kΩ, unless otherwise noted.
Table 2.
AD8223A
AD8223B
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
COMMON MODE REJECTION RATIO
DC to 60 Hz with 1 kΩ Source
Imbalance
VCM = −10 V to 10 V
G = 5
74
86
dB
G = 10
80
92
dB
G = 100
88
100
dB
G = 1000
88
100
dB
NOISE
Voltage Noise, 1 kHz
G = 5
50
50
nV/√Hz
G = 1000
30
30
nV/√Hz
RTI, 0.1 Hz to 10 Hz
G = 5
3.0
3.0
μV p-p
G = 1000
1.5
1.5
μV p-p
Current Noise, 1 kHz
100
100
fA/√Hz
0.1 Hz to 10 Hz
1.5
1.5
pA p-p
VOLTAGE OFFSET
Total RTI Error =
VOSI + VOSO/G
Input Offset, VOSI
400
200
μV
Average TC
5
3
μV/°C
Output Offset, VOSO
1000
500
μV
Average TC
15
10
μV/°C
Offset Referred to Input vs. Supply
(PSR)
G = 5
80
90
dB
G = 10
86
96
dB
G = 100
90
100
dB
G = 1000
90
100
dB
INPUT CURRENT
Input Bias Current
17
25
17
25
nA
Over Temperature
27.5
27.5
nA
Average Temperature
Coefficient
25
25
pA/°C
Input Offset Current
0.25
2
0.25
2
nA
Over Temperature
2.5
2.5
nA
Average Temperature
Coefficient
5
5
pA/°C
DYNAMIC RESPONSE
Small Signal −3 dB Bandwidth
G = 5
200
200
kHz
G = 10
190
190
kHz
G = 100
75
75
kHz
G = 1000
8
8
kHz
Slew Rate
0.3
0.3
V/μs
Settling Time to 0.01%
Step size = 10 V
G = 5
30
30
μs
G = 100
30
30
μs
G = 1000
140
140
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20