データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F301C6U6TR データシート(PDF) 33 Page - STMicroelectronics

部品番号 STM32F301C6U6TR
部品情報  Arm® Cortex®-M4 32-bit MCUFPU, up to 64 KB Flash, 16 KB SRAM, ADC, DAC, COMP, Op-Amp, 2.0 – 3.6 V
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F301C6U6TR データシート(HTML) 33 Page - STMicroelectronics

Back Button STM32F301C6U6TR Datasheet HTML 29Page - STMicroelectronics STM32F301C6U6TR Datasheet HTML 30Page - STMicroelectronics STM32F301C6U6TR Datasheet HTML 31Page - STMicroelectronics STM32F301C6U6TR Datasheet HTML 32Page - STMicroelectronics STM32F301C6U6TR Datasheet HTML 33Page - STMicroelectronics STM32F301C6U6TR Datasheet HTML 34Page - STMicroelectronics STM32F301C6U6TR Datasheet HTML 35Page - STMicroelectronics STM32F301C6U6TR Datasheet HTML 36Page - STMicroelectronics STM32F301C6U6TR Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 141 page
background image
DS9895 Rev 8
33/141
STM32F301x6 STM32F301x8
Pinouts and pin description
52
Figure 6. STM32F301x6/8 LQFP48 pinout
1. The above figure shows the package top view.
14 15 16 17 18 19 20
47 46 45 44 43 42 41 40 39 38 37
36
35
34
33
32
31
30
29
28
27
26
25
21 22 23 24
VDD
VSS
PA12
PB15
PB14
PB13
PB12
48
13
2
3
4
5
6
7
8
9
10
11
VBAT
PC14/OSC32_IN
PC15/OSC32_OUT
NRST
VSSA/VREF-
VDDA
PA0
PA1
PA2
PF0/OSC_IN
PF1/OSC_OUT
PC13
12
1
MS19819V9
LQFP48
PA13
PA11
PA10
PA9
PA8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More