データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

D369-R99-NS1 データシート(PDF) 4 Page - TE Connectivity Ltd

部品番号 D369-R99-NS1
部品情報  369 Series Connectors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TEC [TE Connectivity Ltd]
ホームページ  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

D369-R99-NS1 データシート(HTML) 4 Page - TE Connectivity Ltd

  D369-R99-NS1 Datasheet HTML 1Page - TE Connectivity Ltd D369-R99-NS1 Datasheet HTML 2Page - TE Connectivity Ltd D369-R99-NS1 Datasheet HTML 3Page - TE Connectivity Ltd D369-R99-NS1 Datasheet HTML 4Page - TE Connectivity Ltd D369-R99-NS1 Datasheet HTML 5Page - TE Connectivity Ltd D369-R99-NS1 Datasheet HTML 6Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TE Connectivity
369 Series Connectors
Crimp Contact (Male/Pin) :
Mil Standard: M39029/58-360
TE-Deutsch equivalent: 38941-22
Crimp Contact (Female/Socket) :
Mil Standard: M39029/57-354
TE-Deutsch equivalent: 38946-22
Contact Insertion/Extraction Tool :
M81969/14-01
Contacts & Tooling
View on rear of receptacle with female insert
CONTACT ARRANGEMENTS
Connectors are physically keyed and color-coded
N-Keying Black
A-Keying Red
B-Keying Blue
C-Keying Green
D-Keying Yellow
SHELL KEYING
Keying & Arrangements
TE | 369 Series



Html Pages

1 2 3 4 5 6