| データシートサーチシステム |
|
03420004H データシート(PDF) 2 Page - Littelfuse |
|
|
|||||||||||||||||||||||||||||
03420004H データシート(HTML) 2 Page - Littelfuse |
|
2 / 2 page ![]() Fuseholder Datasheet © 2022 Littelfuse, Inc. Specifications are subject to change without notice. Revised: GD. 02/07/22 2 342 Series Panel Mount Enclosed Fuseholders for 3AG/AB Fuses Disclaimer Notice - Information furnished is believed to be accurate and reliable. However, users should independently evaluate the suitability of and test each product selected for their own applications. Littelfuse products are not designed for, and may not be used in, all applications. Read complete Disclaimer Notice at: www.littelfuse.com/disclaimer-electronics. Ordering PN Body Knob Washer Lockwasher Nut Angle Connect Knob Type 03420004H 03420004HX010 03420104HX040 09010002H N /A 09030012H Right Solder Flutted 03420004HXL 03420004HX010 03420104HX040 09010002H 09050023H 09030012H Right Solder Flutted 03420004HXP 03420004HX010 03420104HXP040 09010002H N /A 09030012H Right Solder Flutted 03420004HXPL 03420004HX010 03420104HXP040 09010002H 09050023H 09030012H Right Solder Flutted 03420004X 342004-010 342104-040 N / A N / A N / A Right Solder Flutted 03420012H 03420012HX010 03420012HX040 09010002H N /A 09030012H Straight Solder Knurled 03420012HXL 03420012HX010 03420012HX040 09010002H 09050023H 09030012H Straight Solder Knurled 03420012HXP 03420012HX010 03420012HXP040 09010002H N /A 09030012H Straight Solder Knurled 03420012X 342012-010 342012-040 N / A N / A N / A Straight Solder Knurled 03420014H 03420012HX010 03420104HX040 09010002H N /A 09030012H Straight Solder Flutted 03420014HXL 03420012HX010 03420104HX040 09010002H 09050023H 09030012H Straight Solder Flutted 03420014X 342012-010 342104-040 N / A N / A N / A Straight Solder Flutted 03420022H 03420004HX010 03420012HX040 09010002H N /A 09030012H Right Solder Knurled 03420022HXL 03420004HX010 03420012HX040 09010002H 09050023H 09030012H Right Solder Knurled 03420022X 342004-010 342012-040 N / A N / A N / A Right Solder Knurled 03420028H 03420028HX010 03420104HX040 09010002H N /A 09030012H Right 3/16" Q.C. Flutted 03420028HXL 03420028HX010 03420104HX040 09010002H 09050023H 09030012H Right 3/16" Q.C. Flutted 03420028X 342028-010 342104-040 N / A N / A N / A Right 3/16" Q.C. Flutted 03420038H 03420038HX010 03420104HX040 09010002H N /A 09030012H Straight 3/16" Q.C. Flutted 03420038HXL 03420038HX010 03420104HX040 09010002H 09050023H 09030012H Straight 3/16" Q.C. Flutted 03420038X 342038-010 342104-040 N / A N / A N / A Straight 3/16" Q.C. Flutted 03420048H 03420028HX010 03420012HX040 09010002H N /A 09030012H Right 3/16" Q.C. Knurled 03420048HXL 03420028HX010 03420012HX040 09010002H 09050023H 09030012H Right 3/16" Q.C. Knurled 03420048HXPL 03420028HX010 03420012HXP040 09010002H 09050023H 09030012H Right 3/16" Q.C. Knurled 03420048X 342028-010 342012-040 N / A N / A N / A Right 3/16" Q.C. Knurled 03420058H 03420038HX010 03420012HX040 09010002H N /A 09030012H Straight 3/16" Q.C. Knurled 03420058HXL 03420038HX010 03420012HX040 09010002H 09050023H 09030012H Straight 3/16" Q.C. Knurled 03420058X 342038-010 342012-040 N / A N / A N / A Straight 3/16" Q.C. Knurled 03420828H 03420828HX010 03420104HX040 09010002H N /A 09030012H Right 1/4" Q.C. Flutted 03420828HXL 03420828HX010 03420104HX040 09010002H 09050023H 09030012H Right 1/4" Q.C. Flutted 03420828X 342828-010 342104-040 N / A N / A N / A Right 1/4" Q.C. Flutted 03420838H 03420838HX010 03420104HX040 09010002H N /A 09030012H Straight 1/4" Q.C. Flutted 03420838HXA 342838-010 342104-040 901-002 N / A 903-012 Straight 1/4" Q.C. Flutted 03420838HXL 03420838HX010 03420104HX040 09010002H 09050023H 09030012H Straight 1/4" Q.C. Flutted 03420838HXP 03420838HX010 03420104HXP040 09010002H N /A 09030012H Straight 1/4" Q.C. Flutted 03420838X 342838-010 342104-040 N / A N / A N / A Straight 1/4" Q.C. Flutted 03420848H 03420828HX010 03420012HX040 09010002H N /A 09030012H Right 1/4" Q.C. Knurled 03420848HXL 03420828HX010 03420012HX040 09010002H 09050023H 09030012H Right 1/4" Q.C. Knurled 03420848X 342828-010 342012-040 N / A N / A N / A Right 1/4" Q.C. Knurled 03420858H 03420838HX010 03420012HX040 09010002H N /A 09030012H Straight 1/4" Q.C. Knurled 03420858HXL 03420838HX010 03420012HX040 09010002H 09050023H 09030012H Straight 1/4" Q.C. Knurled 03420858HXP 03420838HX010 03420012HXP040 09010002H N /A 09030012H Straight 1/4" Q.C. Knurled 03420858HXPL 03420838HX010 03420012HXP040 09010002H 09050023H 09030012H Straight 1/4" Q.C. Knurled 03420858X 342838-010 342012-040 N / A N / A N / A Straight 1/4" Q.C. Knurled 03420858XXL 342838-010 342012-040 N / A 905-023 N / A Straight 1/4" Q.C. Knurled General Application Ordering PN Body Knob Washer Lockwasher Nut Angle Connect Knob Type 03420006T 342006-1 342006-2 901-262 N / A 903-068 Straight Solder Flutted 03420006Z 342006-1 342006-2 901-262 N / A 903-068 Straight Solder Flutted 03420006ZXA 342006-1 342006-2 901-262 N / A 903-068 Straight Solder Flutted Watertight Note: T = 10 pieces assembled per bag. Z = 200 pieces assembled per bag ZXA = 200 pieces of body and knob assembled, wahser and nut in separate bags |