| データシートサーチシステム |
|
DA9233 データシート(PDF) 11 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
DA9233 データシート(HTML) 11 Page - Renesas Technology Corp |
|
11 / 50 page ![]() DA9233 Integrated Ultra-Low Quiescent Current, Ultra-Low Output Ripple Buck Regulator with 100 mA LDO Datasheet Revision 2.2 13-Jun-2023 CFR0011-120-00 Rev 5 11 of 50 © 2023 Renesas Electronics 6 ESD Ratings Parameter Description Conditions Value Unit VESD Electrostatic discharge Human body model (HBM), per ANSI/ESDA/JEDEC JS-001 Note 1 ± 2000 V Charged device model (CDM), per JEDEC specification JESD22- C101 Note 2 ± 500 Note 1 JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. Note 2 JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. |