| データシートサーチシステム |
|
FWP2324H-BN-R005T データシート(PDF) 2 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
FWP2324H-BN-R005T データシート(HTML) 2 Page - Bourns Electronic Solutions |
|
2 / 4 page ![]() Performance Characteristics Test Conditions Test Method Reference Limit Load Life 1000 hours, on/off with rated power at +25 ℃ MIL-STD-202 Method 108 ΔR < ±0.5 % High Temperature Exposure +130 ℃ for 1000 hours MIL-STD-202 Method 303 ΔR < ±0.5 % Low Temperature Storage -40 ℃ for 24 hours MIL-STD-202 Method 303 ΔR < ±0.5 % Thermal Shock -40 °C to +130 ℃, 5 cycles MIL-STD-202 Method 107 ΔR < ±0.1 % Humidity Resistance +40 ℃ / 90 % for 240 hours MIL-STD-202 Method 103 ΔR < ±0.1 % Resistance to Solder Heat Solder dipping at 260 ℃ for 10 sec. MIL-STD-202 Method 210 ΔR < ±0.1 % Short Time Overload 2.5x rated power for 5 sec. MIL-STD-202 Method 303 ΔR < ±0.1 % Specifications are subject to change without notice. Users should verify actual device performance in their specific applications. The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf. Product Dimensions 3.20 ± 0.1 (.13 ± .004) DIA. 22.3 ± 0.2 (.88 ± .008) 4.50 ± 0.1 (.18 ± .004) 1.50 ± 0.1 (.06 ± .004) 3.75 ± 0.2 (.15 ± .008) 3.20 ± 0.1 (.13 ± .004) 8.00 ± 0.2 (.31 ± .008) 1.10 ± 0.2 (.04 ± .008) 1.50 ± 0.2 (.06 ± .008) 17.78 ± 0.2 (.70 ± .008) 2.00 ± 0.1 (.08 ± .004) 7.62 ± 0.2 (.30 ± .008) 2.10 ± 0.2 (.08 ± .008) 0.80 ± 0.1 (.03 ± .004) 3.00 ± 0.1 (.12 ± .004) 16.75 ± 0.2 (.66 ± .008) 3.00 ± 0.2 (.12 ± .008) 17.25 ± 0.20 (.68 ± .008) DIMENSIONS: MM (INCHES) FWP2324 Series – Riedon™ Precision Foil Power Resistors by Bourns |