| データシートサーチシステム |
|
U2000/1/2H データシート(PDF) 19 Page - Keysight Technologies |
|
|
|||||||||||||||||||||||||||||
U2000/1/2H データシート(HTML) 19 Page - Keysight Technologies |
|
19 / 26 page ![]() Using the U2000 Series with the N1918A Power Analysis Manager The N1918A software is available in two versions: the basic Power Panel and advanced Power Ana- lyzer. Power Analyzer provides full access to the software’s complete features and capabilities and its li- Power panel (basic) Power analyzer (advanced) Measurement displays Compact mode display √ √ Soft panel (digital) display √ √ (enhanced with limits and alerts notification) Gauge (analog) display √ √ (enhanced with limits and alerts notification) Strip chart display √ √ Trace graph display √ √ Multiple tabs X √ Multiple display per tab √ √ Multilist √ √ Graph functions Single marker √ (up to 2 markers per graph) √ (up to 10 markers per graph) Dual marker √ (one set of markers per graph1) √ (up to 5 sets of markers per graph) Graph autoscaling √ √ Graph zooming √ √ Measurement math √ (delta, ratio) √ (delta, ratio) (continued) censes, N1918A-100 (PC license) and N1918A-200 (USB dongle license), are available for purchase separately. A free, fully functional trial version of the Power Analyzer automatically runs for 30 days upon installation from the bundled N1918A Power Analysis Manager CD. The table here shows functions accessible with each version when used with the U2000 Series. 1. Applies to usage with P-Series power meters 19 | Keysight | U2000 Series USB Power Sensors - Data Sheet |