データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L6285 データシート(PDF) 13 Page - STMicroelectronics

部品番号 L6285
部品情報  3 CHANNELS MULTIPOWER SYSTEM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6285 データシート(HTML) 13 Page - STMicroelectronics

Back Button L6285 Datasheet HTML 8Page - STMicroelectronics L6285 Datasheet HTML 9Page - STMicroelectronics L6285 Datasheet HTML 10Page - STMicroelectronics L6285 Datasheet HTML 11Page - STMicroelectronics L6285 Datasheet HTML 12Page - STMicroelectronics L6285 Datasheet HTML 13Page - STMicroelectronics L6285 Datasheet HTML 14Page - STMicroelectronics L6285 Datasheet HTML 15Page - STMicroelectronics L6285 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
THERMAL CHARACTERISTICS
The cooling of the device is obtained by soldering
its ground pins on a proper p.c.b copper side ,
acting as a true heatsink. By considering four
squared side as in Fig.10, the junction to ambient
thermal resistance has been measured (see
Fig.11). The typical transient thermal resistance
versus values of single pulse width of power is
shown in Fig.12. In general these thermal charac-
teristics are very important to the designer to opti-
mize the L6285 applications.
Figure 10: Four ”on board” Square Heatsink
Figure 11: Typical Rth j-amb vs. lenght ”l” (Fig. 10)
Figure 12: Typical Transient Thermal Resistance
vs. Time or Pulse Width
L6285
13/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16