データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADL8201ACPZN-R7 データシート(PDF) 12 Page - Analog Devices

部品番号 ADL8201ACPZN-R7
部品情報  DC to 30GHz, RF Limiter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADL8201ACPZN-R7 データシート(HTML) 12 Page - Analog Devices

Back Button ADL8201ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADL8201ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADL8201ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADL8201ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADL8201ACPZN-R7 Datasheet HTML 9Page - Analog Devices ADL8201ACPZN-R7 Datasheet HTML 10Page - Analog Devices ADL8201ACPZN-R7 Datasheet HTML 11Page - Analog Devices ADL8201ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADL8201ACPZN-R7 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Data Sheet
ADL8201
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 12 of 13
The basic connections for operating the ADL8201 over the speci-
fied frequency range are shown in Figure 28. No external biasing
circuitry is required. Figure 28 represents the configuration used to
characterize and qualify the ADL8201.
Figure 28. Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13