| データシートサーチシステム |
|
SA7.0A データシート(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited |
|
|
|||||||||||||||||||||||||||||
SA7.0A データシート(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited |
|
2 / 4 page ![]() BLGALAXYELECTRICAL www.galaxycn.com MIN MAX SA5.0 6.40 7.30 10 9.6 5.0 SA5.0A 6.40 7.00 10 9.2 5.0 SA6.0 6.67 8.15 10 11.4 5.0 SA6.0A 6.67 7.37 10 10.3 5.0 SA6.5 7.22 8.82 10 12.3 5.0 SA6.5A 7.22 7.98 10 11.2 5.0 SA7.0 7.78 9.51 10 13.3 6.0 SA7.0A 7.78 8.60 10 12.0 6.0 SA7.5 8.33 10.2 1.0 14.3 7.0 SA7.5A 8.33 9.21 1.0 12.9 7.0 SA8.0 8.89 10.9 1.0 15.0 7.0 SA8.0A 8.89 9.83 1.0 13.6 7.0 SA8.5 9.44 11.5 1.0 15.9 8.0 SA8.5A 9.44 10.4 1.0 14.4 8.0 SA9.0 10.0 12.2 1.0 16.9 9.0 SA9.0A 10.0 11.1 1.0 15.4 9.0 SA10 11.1 13.6 1.0 18.8 10.0 SA10A 11.1 12.3 1.0 17.0 10.0 SA11 12.2 14.9 1.0 20.1 11.0 SA11A 12.2 13.5 1.0 18.2 11.0 SA12 13.3 16.3 1.0 22.0 12.0 SA12A 13.3 14.7 1.0 19.9 12.0 SA13 14.4 17.6 1.0 23.8 13.0 SA13A 14.4 15.9 1.0 21.5 13.0 SA14 15.6 19.1 1.0 25.8 14.0 SA14A 15.6 17.2 1.0 23.2 14.0 SA15 16.7 20.4 1.0 26.9 16.0 SA15A 16.7 18.5 1.0 24.4 16.0 SA16 17.8 21.8 1.0 28.8 19.0 SA16A 17.8 19.7 1.0 26.0 17.0 SA17 18.9 23.1 1.0 30.5 20.0 SA17A 18.9 20.9 1.0 27.6 19.0 6.0 48.5 5.0 600 54.3 18.1 5.0 600 52.1 6.0 7.0 8.0 17.0 12.0 14.0 15.0 1.0 1.0 1.0 8.5 10.0 8.5 11.0 9.0 10.0 9.0 11.0 600 150 25 10 600 6.5 6.5 7.0 150 21.6 20.5 19.2 1.0 1.0 1.0 23.3 1.0 1.0 1.0 1.0 43.9 37.6 33.3 31.4 26.6 22.7 36.8 24.9 27.5 ELECTRICAL CHARACTERISTICS at(TA=25 unle ss othe rw ise note d) TABLE 1 Device Type Maxim um tem perature coefficient of V(BR) (m V/ ) Maxim um clam ping voltage at IPPM VC(Volts) Test current at IT (m A) Stand-off voltage VWM (Volts) Maxim um reverse leakage at VWM ID (NOTE3) ( A) Maxim um peak pulse current IPPM (NO TE 2) (Am ps) Breakdown voltage V(BR) (Volts) (NO TE1) 40.7 44.7 400 400 41.7 38.8 35.0 50 50 7.5 7.5 8.0 25 10 34.7 5.0 29.6 5.0 32.5 29.4 1.0 18.6 17.4 16.4 16.0 17.0 1.0 1.0 1.0 15.0 16.0 19.4 13.0 14.0 12.0 1.0 25.1 21.0 1.0 13.0 Document Number 0285012 2. |