データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L6387 データシート(PDF) 6 Page - STMicroelectronics

部品番号 L6387
部品情報  HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6387 データシート(HTML) 6 Page - STMicroelectronics

  L6387 Datasheet HTML 1Page - STMicroelectronics L6387 Datasheet HTML 2Page - STMicroelectronics L6387 Datasheet HTML 3Page - STMicroelectronics L6387 Datasheet HTML 4Page - STMicroelectronics L6387 Datasheet HTML 5Page - STMicroelectronics L6387 Datasheet HTML 6Page - STMicroelectronics L6387 Datasheet HTML 7Page - STMicroelectronics L6387 Datasheet HTML 8Page - STMicroelectronics L6387 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
-45
-25
0
25
50
75
100
125
0
200
400
600
800
1000
Tj (°C)
Typ.
@ Vcc = 15V
Figure 7. Output Sink Current vs. Temperature
-45
-25
0
255075
100
125
0
200
400
600
800
1000
Tj (°C)
Typ.
@ Vcc = 15V
Figure 6. Output Source Current vs.
Temperature
L6387
6/9



Html Pages

1 2 3 4 5 6 7 8 9