| データシートサーチシステム |
|
MS6-LFR-1/2-D7-E-R-V データシート(PDF) 2 Page - Festo Corporation. |
|
|
|||||||||||||||||||||||||||||
MS6-LFR-1/2-D7-E-R-V データシート(HTML) 2 Page - Festo Corporation. |
|
2 / 2 page ![]() Feature Value Note on materials RoHS-compliant Material of sub-base Die-cast aluminum Material of operator panel PA POM Seals material NBR Compressed air filter material PE Housing material Die-cast aluminum Diaphragm material NBR Material of bowl PC Separating disc material POM 1/27/26 - Subject to change - Festo SE & Co. KG 2/2 |