| データシートサーチシステム |
|
L6452 データシート(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6452 データシート(HTML) 14 Page - STMicroelectronics |
|
14 / 16 page ![]() D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 SERIAL DATA SERIAL CLOCK LATCH DATA LONG PULSE SHORT PULSE OUTPUT * OUTPUT ** * THE CORRESPONDING DATA BIT IS SET ** THE CORRESPONDING DATA BIT IS RESET D97IN531 Figure 13. Sequence of Shift Register Data Loading to tk th tm tn OUTPUT 1 :13 HSA or HSB) ENABLE CHANNEL ENABLE INTERNAL COUNTER SELECT CHANNEL SEL 0:3 D97IN530 Figure 12. Mode Sel 0:3 tc tg LATCH DATA SERIAL CLOCK SERIAL DATA D97IN532 ta tb td te tf Figure 14. Latch Timing L6452 14/16 |