| データシートサーチシステム |
|
ANT-2.4-CW-RCL-RPS データシート(PDF) 69 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
ANT-2.4-CW-RCL-RPS データシート(HTML) 69 Page - Microchip Technology |
|
69 / 73 page ![]() WINCS02IC and WINCS02 Family Appendix A: Regulatory Approval Data Sheet © 2024-2025 Microchip Technology Inc. and its subsidiaries DS70005577B - 69 5.7.1 Labeling Requirements for Module and User’s Requirements The label on the final product that contains the WINCS02PC/WINCS02PE/WINCS02UC/WINCS02UE Module must follow UKCA marking requirements. The UKCA mark above is printed on the module itself or on the packing label. Additional details for the label requirement are available at: https://www.gov.uk/guidance/using-the-ukca-marking#check-whether-you-need-to-use-the-new- ukca-marking. 5.7.2 UKCA Declaration of Conformity Hereby, Microchip Technology Inc. declares that the radio equipment type the WINCS02PC/ WINCS02PE/WINCS02UC/WINCS02UE Modules are in compliance with the Radio Equipment Regulations 2017. The full text of the UKCA declaration of conformity for this product is available (under Documents > Certifications) at: www.microchip.com/en-us/product/WINCS02. 5.7.3 Approved Antennas The testing of the WINCS02PC/WINCS02PE/WINCS02UC/WINCS02UE Module was performed with the antennas listed in WINCS02 Module Approved External Antenna. 5.7.4 Helpful Websites For more information on the UKCA regulatory approvals, refer to the www.gov.uk/guidance/placing- manufactured-goods-on-the-market-in-great-britain. 5.8 Other Regulatory Information • For information about other countries' jurisdictions not covered here, refer to the www.microchip.com/design-centers/wireless-connectivity/certifications. • Should other regulatory jurisdiction certification be required by the customer, or the customer needs to recertify the module for other reasons, contact Microchip for the required utilities and documentation. |