データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

P3055LSG データシート(PDF) 4 Page - List of Unclassifed Manufacturers

部品番号 P3055LSG
部品情報  N-Channel Logic Level Enhancement Mode Field Effect Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

P3055LSG データシート(HTML) 4 Page - List of Unclassifed Manufacturers

  P3055LSG Datasheet HTML 1Page - List of Unclassifed Manufacturers P3055LSG Datasheet HTML 2Page - List of Unclassifed Manufacturers P3055LSG Datasheet HTML 3Page - List of Unclassifed Manufacturers P3055LSG Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
AUG-13-2004
N-Channel Logic Level Enhancement
Mode Field Effect Transistor
P3055LSG
TO-263
Lead Free
NIKO-SEM
TO-263 (D
2PAK) MECHANICAL DATA
mm
mm
Dimension
Min.
Typ.
Max.
Dimension
Min.
Typ.
Max.
A
14.5
15
15.8
H
1.0
1.5
1.8
B
4.2
4.7
I
9.8
10.3
C
1.20
1.35
J
6.5
D
2.8
K
1.5
E
0.3
0.4
0.5
L
0.7
1.4
F
-0.102
0.203
M
4.83
5.08
5.33
G
8.5
9
9.5
N



Html Pages

1 2 3 4