データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HV232 データシート(PDF) 14 Page - Microchip Technology

部品番号 HV232
部品情報  8-Channel, Low-Charge-Injection, High-Voltage Analog Switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV232 データシート(HTML) 14 Page - Microchip Technology

Back Button HV232 Datasheet HTML 10Page - Microchip Technology HV232 Datasheet HTML 11Page - Microchip Technology HV232 Datasheet HTML 12Page - Microchip Technology HV232 Datasheet HTML 13Page - Microchip Technology HV232 Datasheet HTML 14Page - Microchip Technology HV232 Datasheet HTML 15Page - Microchip Technology HV232 Datasheet HTML 16Page - Microchip Technology HV232 Datasheet HTML 17Page - Microchip Technology HV232 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
HV232
DS20005820B-page 14
 2024-2026 Microchip Technology Inc. and its subsidiaries
Microchip Technology Drawing C04-278 Rev A Sheet 1 of 2
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
48-Lead Low-profile Plastic Quad Flat Pack Package (R8) -7x7 mm Body [LQFP]
Supertex Legacy Package
B
D
0.20 C A-B D
0.20 H A-B D
0.08
C A-B D
C
SEATING
PLANE
12
N
4X
TOP VIEW
SIDE VIEW
0.10 C
0.08 C
D
E
A
48X b
48X TIPS
D1
E1
A
e
H
A2
A1
A
A
D1
4
E1
4
48X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22