| データシートサーチシステム |
|
PCF85263AT/A データシート(PDF) 2 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF85263AT/A データシート(HTML) 2 Page - NXP Semiconductors |
|
2 / 102 page ![]() NXP Semiconductors PCF85263A Tiny RTC/Calendar with Alarm Function, Battery Switch-Over, Time Stamp Input, and I2C-bus 1 General description The PCF85263A is a CMOS1 Real-Time Clock (RTC) and calendar optimized for low power consumption and with automatic switching to battery on main power loss. The RTC can also be configured as a stop-watch (elapsed time counter). Three time log registers triggered from the battery switch-over and input-driven events. Featuring clock output and two independent interrupt signals, two alarms, I2C-bus interface and quartz crystal calibration. For a selection of NXP Real-Time Clocks, see Table 73. 1 The definition of the abbreviations and acronyms used in this data sheet can be found in Section 22. PCF85263A All information provided in this document is subject to legal disclaimers. © 2025 NXP B.V. All rights reserved. Product data sheet Rev. 5.4 — 12 December 2025 Document feedback 2 / 102 |