| データシートサーチシステム |
|
MPF0900AMBA2ES データシート(PDF) 58 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPF0900AMBA2ES データシート(HTML) 58 Page - NXP Semiconductors |
|
58 / 205 page ![]() NXP Semiconductors PF09 Nine-channel power management IC with advanced system safety monitoring If any of the regulators enabled in the current or previous hierarchical level fall out of regulation and the settling timer is expired, the Power-down sequence will be stopped and it will proceed to power down all regulators immediately. aaa-056063 RSTB PGOOD (optional) REG4_PG REG4 REG3_PG REG3 REG2_PG REG2 REG1_PG REG1 tSettle Reg power down PWRUP fail LEVEL 1 LEVEL 2 LEVEL 3 PG's NOK Dynamic power-up failure Figure 18. Dynamic power-up failure aaa-056064 RSTB PGOOD (optional) REG4_PG REG4 REG3_PG REG3 REG2_PG REG2 REG1_PG REG1 Settling PWRUP OK LEVEL 1 LEVEL 2 LEVEL 3 PG's OK LEVEL 4 Successful dynamic power-up Figure 19. Successful dynamic power-up PF09 All information provided in this document is subject to legal disclaimers. © 2026 NXP B.V. All rights reserved. Product data sheet Rev. 1.3 — 16 December 2025 Document feedback 58 / 205 |