| データシートサーチシステム |
|
PCF85263ATL/AX データシート(PDF) 100 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF85263ATL/AX データシート(HTML) 100 Page - NXP Semiconductors |
|
100 / 102 page ![]() NXP Semiconductors PCF85263A Tiny RTC/Calendar with Alarm Function, Battery Switch-Over, Time Stamp Input, and I2C-bus Figures Fig. 1. Block diagram of PCF85263A ...........................6 Fig. 2. Pin configuration for PCF85263AT (SO8) ......... 7 Fig. 3. Pin configuration for PCF85263ATL (DFN2626-10) ....................................................7 Fig. 4. Pin configuration for PCF85263ATT (TSSOP8) ..........................................................7 Fig. 5. Pin configuration for PCF85263ATT1 (TSSOP10) ........................................................8 Fig. 6. Pin configuration for PCF85263AUK (WLCSP12) ....................................................... 8 Fig. 7. Address register incrementing .........................10 Fig. 8. Register map ...................................................10 Fig. 9. Time mode register set selection .................... 11 Fig. 10. OS status bit ................................................... 15 Fig. 11. Data flow for the time function ........................ 17 Fig. 12. Data flow for the stop-watch function .............. 19 Fig. 13. Alarm1 and alarm2 function block diagram (RTC mode) .................................................... 22 Fig. 14. Alarm1 and alarm2 function block diagram (stop-watch mode) ...........................................25 Fig. 15. Watchdog repeat mode ...................................27 Fig. 16. Watchdog single shot mode ............................28 Fig. 17. Timestamp .......................................................29 Fig. 18. Example battery switch-over timestamp ..........30 Fig. 19. Example TS pin driven timestamp .................. 31 Fig. 20. Offset calibration calculation workflow .............36 Fig. 21. Result of offset calibration ...............................36 Fig. 22. Interrupt pulse width ........................................39 Fig. 23. Interrupt selection ............................................40 Fig. 24. Threshold voltage switching hysteresis ........... 45 Fig. 25. Switching at Vth .............................................. 45 Fig. 26. Switching at VBAT .......................................... 46 Fig. 27. Switching at the higher of VBAT or Vth ........... 47 Fig. 28. Switching at the lower of VBAT or Vth .............47 Fig. 29. TS pin ..............................................................50 Fig. 30. INTA pin .......................................................... 51 Fig. 31. Software reset command ................................ 56 Fig. 32. CPR and STOP bit functional diagram ............59 Fig. 33. STOP release timing .......................................59 Fig. 34. I2C read and write protocol .............................61 Fig. 35. I2C read and write signaling ........................... 61 Fig. 36. Application example ........................................ 65 Fig. 37. Application example timing ............................. 66 Fig. 38. Device diode protection diagram of PCF85263A .....................................................67 Fig. 39. Typical IDD with respect to fSCL .....................72 Fig. 40. Typical IDD as a function of temperature ........ 72 Fig. 41. Typical IDD with respect to VDD .....................73 Fig. 42. Oscillator frequency variation with respect to VDD ............................................................ 74 Fig. 43. I2C-bus timing diagram; rise and fall times refer to 30 % and 70 % .................................. 75 Fig. 44. Application diagram for PCF85263A ............... 76 Fig. 45. Package outline SOT96-1 (SO8), PCF85263AT ................................................... 78 Fig. 46. Package outline SOT1197-1 (DFN2626-10), PCF85263ATL ........................ 79 Fig. 47. Package outline SOT505-1 (TSSOP8), PCF85263ATT .................................................80 Fig. 48. Package outline SOT552-1 (TSSOP10), PCF85263ATT1 ...............................................81 Fig. 49. Package outline SOT2035-1 (WLCSP12), PCF85263AUK 1 of 2 ..................................... 82 Fig. 50. Package outline SOT2035-1 (WLCSP12), PCF85263AUK 2 of 2 ..................................... 83 Fig. 51. Temperature profiles for large and small components .....................................................87 Fig. 52. Footprint information for reflow soldering of SOT96-1 (SO8), PCF85263AT ........................88 Fig. 53. Footprint information for reflow soldering of SOT1197-1 (DFN2626-10),PCF85263ATL ......89 Fig. 54. Footprint information for reflow soldering of SOT505-1 (TSSOP8),PCF85263ATT ..............90 Fig. 55. Footprint information for reflow soldering of SOT552-1 (TSSOP10), PCF85263ATT1 .........91 PCF85263A All information provided in this document is subject to legal disclaimers. © 2025 NXP B.V. All rights reserved. Product data sheet Rev. 5.4 — 12 December 2025 Document feedback 100 / 102 |